|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE6856 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 1/3 HMBTA56 PNP SILICON TRANSISTOR Description Amplifier Transistor Absolute Maximum Ratings SOT-23 * Maximum Temperatures Storage Temperature ........................................................................................... -55 ~ +150 C Junction Temperature.................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 225 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ -80 V VCEO Collector to Emitter Voltage..................................................................................... -80 V VEBO Emitter to Base Voltage............................................................................................. -4 V IC Collector Current ...................................................................................................... -500 mA Characteristics (Ta=25C) Symbol BVCBO BVCEO BVEBO ICBO ICEO *VCE(sat) VBE(on) *hFE1 *hFE2 fT Min. -80 -80 -4 50 50 100 Typ. Max. -100 -100 -0.25 -1.2 Unit V V V nA nA V V Test Conditions IC=-100uA IC=-1mA IE=-100uA VCB=-80V VCE=-60V IC=-100mA, IB=-10mA VCE=-1V, IC=-100mA VCE=-1V, IC=-10mA VCE=-1V, IC=-100mA VCE=-2V, IC=-10mA, f=1MHz MHz *Pulse Test: Pulse Width 380us, Duty Cycle2% HMBTA56 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Characteristics Curve Current Gain & Collector Current 1000 1000 Spec. No. : HE6856 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 2/3 Saturation Voltage & Collector Current Saturation Voltage (mV) hFE 100 VCE=1V 100 VCE(s at) @ IC=10IB 10 0.1 1 10 100 1000 10 0.1 1 10 100 1000 Collector Current (mA) Collector Current (mA) On Voltage & Collector Current 10000 1000 Cutoff Frequency & Collector Current Cutoff Frequency (MHz) On Voltage (mV) VCE=2V 100 1000 VBE(on) @ VCE=1V 100 0.1 1 10 100 1000 10 1 10 100 1000 Collector Current (mA) Collector Current ( m A ) Capacitance & Reverse-Biased Voltage 100 10000 Safe Operating Area PT=1ms PT=100ms 1000 Collector Current (mA) Capacitance (pF) Cob PT=1s 10 100 10 1 0.1 1 10 100 1 1 10 100 Reverse Biased Voltage (V) Forward Voltage (V) HMBTA56 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. SOT-23 Dimension Spec. No. : HE6856 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 3/3 A L Marking: 3 BS 1 V G 2 2G Rank Code Control Code 3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N C D H K J Style: Pin 1.Base 2.Emitter 3.Collector *: Typical DIM A B C D G H Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040 Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10 DIM J K L S V Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256 Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65 Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material: * Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: * Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HMBTA56 HSMC Product Specification |
Price & Availability of HMBTA56 |